Part Number Hot Search : 
WM2613 2AMPPJ4 A201EHI 1392B P181GB B103G L7805ACP SRN5519
Product Description
Full Text Search
 

To Download PA4307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
PA43__07
POW-R-BLOK AC Switch SCR Isolated Module 1550 Amps RMS, Up to 1800 Volts
TM
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
Description:
Powerex AC Switch SCR Modules are designed for use in applications requiring phase control and isolated packaging. The modules are isolated for easy mounting with other components on a common heatsink.
Features:
T T T T Electrically Isolated Heatsinking Compression Bonded Elements Metal Baseplate Low Thermal Impedance for Improved Current Capability
Benefits:
T No Additional Insulation Components Required T Easy Installation T No Clamping Components Required T Reduce Engineering Time
Applications:
T Transfer Switches T AC Welders T Motor Soft Starters
Ordering Information:
Select the complete eight-digit module part number from the table below. Example: PA431807 is a 1800 Volt, 700A Average/SCR (1550 Ampere RMS/Switch) SCR AC Switch TM Isolated POW-R-BLOK Module
Type
PA43
Current Voltage Volts (x100) Amperes (x100)
12 14 16 18 07 Average Current Per SCR
08/10/2002
PRELIMINARY
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
PA43__07
POW-R-BLOK AC Switch SCR Isolated Module 1550 Amps RMS, Up to 1800 Volts
TM
Absolute Maximum Ratings
Characteristics Repetitive Peak Forward and Reverse Blocking Voltage Non-Repetitive Peak Blocking Voltage (t < 5 msec) RMS Current (AC Switch, 180 Conduction)
o
Conditions
Symbol VDRM & VRRM VRSM 1800 1900 1775 1665 1550 1440 800 750 700 650 69,000 63,000 46,000 42,000 60,000 54,750 40,000 36,500 32,100 25,200 6.60 x 10 6.66 x 10 400 150 -40 to +125 -40 to +150 132 15 106 12 455 11.75 3000
6 6
Units V V A A A A A A A A A A A A A A A A A A A sec A sec A/s A/s C C in. - Lb. Nm in. - Lb. Nm g lb V
2 2
180 Conduction, TC=74 C 180 Conduction, TC=78 C 180 Conduction, TC=82 C 180 Conduction, TC=86 C 180 Conduction, TC=74 C 180 Conduction, TC=78 C 180 Conduction, TC=82 C 180 Conduction, TC=86 C 60 Hz 50 Hz 60 Hz 50 Hz 60 Hz 50 Hz 60 Hz 50 Hz 60 Hz, Tj = 125C, Vr = Vrrm 60 Hz, Tj = 125C, Vr = Vrrm 8.3 milliseconds 10 milliseconds Per JEDEC Standard 397 5.2.2.6 Per JEDEC Standard 397 5.2.2.6
IT(RMS) IT(RMS) IT(RMS) IT(RMS) IT(AV) IT(AV) IT(AV) IT(AV) ITSM ITSM ITSM ITSM ITSM ITSM ITSM ITSM ITSM ITSM It It di/dt di/dt TJ Tstg
2 2
Average Forward Current Per SCR (180 Conduction)
o
Peak One Cycle Surge Current, Non-Repetitive Tj = 25C, Vr = 0 Peak One Cycle Surge Current, Non-Repetitive Tj = 25C, Vr = Vrrm Peak One Cycle Surge Current, Non-Repetitive Tj = 125C, Vr = 0 Peak One Cycle Surge Current, Non-Repetitive Tj = 125C, Vr = Vrrm Peak Three Cycle Surge Current, Non-Repetitive Peak Ten Cycle Surge Current, Non-Repetitive I t for Fusing for One Cycle Tj = 125C, Vr = Vrrm Maximum Rate-of-Rise of On-State Current, (Non-Repetitive) Maximum Rate-of-Rise of On-State Current, (Repetitive) Operating Temperature Storage Temperature Max. Mounting Torque, M6 Mounting Screw Max. Mounting Torque, M10 Terminal Screw Module Weight, Typical V Isolation @ 25C
2
Vrms
08/10/2002
PRELIMINARY
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
PA43__07
POW-R-BLOK AC Switch SCR Isolated Module 1550 Amps RMS, Up to 1800 Volts
TM
Electrical Characteristics, TJ=25 C unless otherwise specified
Characteristics Repetitive Peak Forward Leakage Current Repetitive Peak Reverse Leakage Current Peak On-State Voltage Threshold Voltage, Low-level Slope Resistance, Low-level Threshold Voltage, High-level Slope Resistance, High-level VTM Coefficients, Full Range Symbol IDRM IRRM VFM V(TO)1 rT1 V(TO)2 rT2 Test Conditions Up to 1800V, TJ=125 C Up to 1800V, TJ=125 C ITM=3000A, TJ=125 C TJ = 125 C, I = 15%IT(AV) to IT(AV) TJ = 125 C, I = IT(AV) to ITSM TJ = 125 C, I = 50A to 6kA VTM = A+ B Ln I +C I + D Sqrt I Minimum dV/dt Gate Trigger Current Gate Trigger Voltage Non-Triggering Gate Voltage Holding Current Peak Forward Gate Current Peak Reverse Gate Voltage Maximum Average Gate Power Dissipation dV/dt IGT VGT VGDM IH IGTM VGRM PGM (AVE) Exponential to 0.67VDRM Tj=125 C, Gate Open Tj=25 C, VD=12V Tj=25 C, VD=12V Tj=125 C, VD= 1/2 VDRM A= B= C= D= 600 Typ. 200 3.0 0.15 300 4.0 5 16 Min. Max. 100 100 1.30 0.703 0.184 1.01 0.117 0.7999 -4.62 E-02 7.33 E-05 1.10 E-02 V/s mA Volts Volts mA Amp Volts Watts Units mA mA V V m V m
Thermal Characteristics
Characteristics Thermal Resistance, Junction to Case Thermal Impedance Coefficients Symbol RJ-C ZJ-C Per Module, both conducting Per Junction, both conducting ZJ-C= K1 (1-exp(-t/t1)) + K2 (1-exp(-t/t2)) + K3 (1-exp(-t/t3)) + K4 (1-exp(-t/t4)) Thermal Resistance, Case to Sink Lubricated RC-S Per Module Max. 0.029 0.058 K1 = 5.04 E-04 t1 = 2.47 E-03 K2 = 2.31 E-03 t2 = 4.42 E-02 K3 = 2.83 E-03 K4 =5.24 E-02 t3 = 1.370 t4 = 9.668 0.009 C/W Units C/W C/W
08/10/2002
PRELIMINARY
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
PA43__07
AC Switch SCR Module
1530 Amps RMS, Up to 1800 Volts
Maximum Transient Thermal Impedance
(Junction To Case)
Typical On-State Forward Voltage Drop
(Tj = 125C)
3
0.06
2.5
0.05
On-State Voltage - Vtm - Volts
Thermal Impedance - Rjc - C/W
2
0.04
1.5
0.03
1
0.02
0.5
0.01
0 10 100 1000 10000
0.00 0.001
0.01
0.1
1
10
100
Instantaneous On-State Current - Itm - Amperes
Time - t - Seconds
Maximum On-State Power Dissipation
(Sinusoidal Waveform) 1000 900
Maximum Allowable Case Temperature
(Sinusoidal Waveform)
130
Max. Case Temperature - Tcase -C_
Max. Power Dissipation Per SCR - Watts_
800 700 600 500 400 300 200 100 0 0 100 200 300 400 500 600
0 180
120 90 60 30 180
120
110
0 180 360
CONDUCTION ANGLE
15
100 15 90 30 60 80 90 120 70 180 0 100 200 300 400 500 600 700 800
360
CONDUCTION ANGLE
700
800
Average On-State Current - It(av) - Amperes
Average On-State Current - It(av) - Amperes
Maximum On-State Power Dissipation
(Rectangular Waveform) 1400
Maximum Allowable Case Temperature
(Rectangular Waveform)
130
Max. Power Dissipation Per SCR - Watts_
270 1000 120 800 600 15 400 200 0 0 200 400 600 800 1000 1200 1400
0 180 360
Max. Case Temperature - Tcase -C_
1200 180 90
360
120 110 100 90 80 70 60 50 15 30 60 90 120 180 270
0
CONDUCTION ANGLE
180
360
60 30
360
CONDUCTION ANGLE
0
200
400
600
800
1000
1200
1400
Average On-State Current - It(av) - Amperes
Average On-State Current - It(av) - Amperes
08/10/2002
PRELIMINARY
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
PA43__07
AC Switch SCR Module
1550 Amps RMS / 1800 Volts
08/10/2002


▲Up To Search▲   

 
Price & Availability of PA4307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X